Part Number Hot Search : 
IC16F6 2SD18 2SB17 2SB828 SF205 UCN5842 AM6922NH 0176FN
Product Description
Full Text Search
 

To Download DDTA143EUA-7 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ds30325 rev. 2 - 1 1 of 3 ddta (r1 = r2 series) ua ddta (r1 = r2 series) ua pnp pre-biased sm all sig nal sot- 323 surface mo unt transisto r epitaxial planar die construction complementary npn types available ( ddtc ) built-i n biasing resistors, r1 = r2 characteristic symbol value unit supply voltage, (3) to (1) v cc -50 v input voltage, (2) to (1) ddta123eua ddta143eua ddta114eua ddta124eua ddta144eua ddta115eua v in +10 to -12 +10 to -30 +10 to -40 +10 to -40 +10 to -40 +10 to -40 v output current d dta123eua ddta143eua ddta114eua ddta124eua ddta144eua ddta115eua i o -100 -100 -50 -30 -30 -20 ma output current all i c (max) -100 ma power dissipation p d 200 mw thermal resistance, j unction to ambient air (note 1) r q ja 625 c/w operating and storage and temperature range t j , t stg -55 to +150 c features maximum ratings @ t a = 25 c unless otherwise s pecified a m j l f d b c h k g i n g n d o u t mechanical data case: sot-323, molded p lastic case material - ul flammability rating 94v-0 moisture sensitivity: level 1 per j-std-020 a terminals: solderable per mil-s td-202 , method 208 terminal connections: see diagram marking: date code and marking code (see diagrams & page 2) weight: 0. 006 grams (approx.) ordering informati on (see page 2) t c u d o r p w e n i n i n r 1 r 2 g n d s c h e m a t i c d i a g r a m o u t g n d o u t p/n r1, r2 (nom) marking ddta123eua ddta143eua ddta114eua ddta124eua ddta144eua ddta115eua 2.2k w 4.7k w 10k w 22k w 47k w 100k w p04 p08 p13 p17 p20 p24 sot-323 dim min max a 0.25 0.40 b 1.15 1.35 c 2.00 2.20 d 0.65 nominal e 0.30 0.40 g 1.20 1.40 h 1.80 2.20 j 0.0 0.10 k 0.90 1.00 l 0.25 0.40 m 0.10 0.18 a 0 8 all dimensions in m m note: 1. mounted on fr4 pc board with recommended pad layout at http :// www .diodes.com/ datasheets /ap02001. pdf .
ds30325 rev. 2 - 1 2 of 3 ddta (r1 = r2 series) ua characteristic symbol min typ max unit test condition input voltage v l(off) - 0.5 -1.1 ? v v cc = 5v, i o = 100 m a v l(on) ? -1.9 -3 v o = 0.3v, i o = 20ma, ddta123eua v o = 0.3v, i o = 20ma, ddta143eua v o = 0.3v, i o = 10ma, ddta114eua v o = 0.3v, i o = 5ma, ddta124eua v o = 0.3v, i o = 2ma, ddta144eua v o = 0.3v, i o = 1ma, ddta115eua output voltage v o(on) ? -0.1 -0.3 v i o /i l =10ma/0.5ma, ddta123eua i o /i l =10ma/0.5ma, ddta143eua i o /i l =10ma/0.5ma, ddta114eua i o /i l =10ma/0.5ma, ddta124eua i o /i l =10ma/0.5ma, ddta144eua i o /i l =5ma/0.25ma, ddta115eua input current ddta123eua ddta143eua ddta114eua ddta124eua ddta144eua ddta115eua i l ? ? -3.8 -1.8 -.88 -.36 -.18 -.15 ma v i = -5v output current i o(off) ? ? 0.5 m a v cc = -50v, v i = 0v dc current gain ddta123eua ddta143eua ddta114eua ddta124eua ddta144eua ddta115eua g l -20 -20 -30 -56 -68 -82 ? ? ? v o = -5v, i o = -20ma v o = -5v, i o = -10ma v o = -5v, i o = -5ma v o = -5v, i o = -5ma v o = -5v, i o = -5ma v o = -5v, i o = -5ma input resistor (r 1 ) tolerance d r 1 -30 ? +30 % ? resistance ratio r 2 /r 1 0.8 1 1.2 ? ? gain-bandwidth product* f t ? 250 ? mhz v ce = -10v, i e = 5m a, f = 100mhz electri cal character isti cs @ t a = 25 c unless otherwise s pecified t c u d o r p w e n * transistor - for referenc e only month jan feb march apr may jun jul aug sep oct nov dec code 1 2 3 4 5 6 7 8 9 o n d year 2002 2003 2004 2005 2006 2007 2008 2009 code n p r s t u v w date code key xxx = product type marking code see sheet 1 diagrams ym = date code marking y = year ex: n = 2002 m = month ex: 9 = september xx x y m marking i nformat ion notes: 2. for packaging details, go to our website at http://www.diodes.com/datas heets/ap02007.pdf. device packaging shipping ddta123eua-7 sot-323 3000/tape & reel DDTA143EUA-7 sot-323 3000/tape & reel ddta114eua-7 sot-323 3000/tape & reel ddta124eua-7 sot-323 3000/tape & reel ddta144eua-7 sot-323 3000/tape & reel ddta115eua-7 sot-323 3000/tape & reel orderi ng inform ation (note 2)
ds30325 rev. 2 - 1 3 of 3 ddta (r1 = r2 series) ua t c u d o r p w e n 1 1 10 0 10 20 30 40 50 i , co llec t or c urr ent (ma ) c fig. 6 in put v olt age vs. c ollec tor c urren t v = 0.2 o v , i n p u t v o l t a g e ( v ) i n -25c 25c 75 c 0 .0 1 0 .1 1 1 0 1 0 0 0 1 2 3 4 8 9 1 0 i , c o l l e c t o r c u r r e n t ( m a ) c v , in p u t v o l t a g e ( v ) in f ig . 5 c o lle ct o r c u rr e n t v s. i n p u t v o ltag e 75 c -2 5 c 5 6 7 25 c v = 5 v o 0 2 4 6 1 0 0 2 0 3 0 c , c a p a c i t a n c e ( p f ) o b v , r e v e r s e b i a s v o lt a g e ( v ) r f i g . 4 o u t p u t c a p a c i t a n c e 1 2 1 0 5 1 5 2 5 8 i = 0 m a e 10 1000 100 1 1 10 100 h f e , d c c u r r e n t g a i n ( n o r m a l i z e d ) i , collec t or cur rent (ma) c fig. 3 dc curre nt gain v = 10 ce 75 c -25 c 25 c 0. 00 1 0. 01 0. 1 1 0 10 20 30 40 50 v , m a x i m u m c o l l e c t o r v o l t a g e ( v ) c e ( s a t ) i , c o ll e c t o r c u r r e n t ( m a ) c f ig . 2 v vs . i ce (s a t) c i / i = 1 0 c b -2 5 c 75 c 25 c -5 0 0 5 0 1 0 0 1 5 0 2 5 0 2 0 0 1 5 0 5 0 1 0 0 0 t , a m b ie n t t e m p e r a t u r e ( c ) a f ig . 1 d e ra ti n g c u rv e p , p o w e r d i s s i p a t i o n ( m i l l i w a t t s ) d typical curves - ddta143eua


▲Up To Search▲   

 
Price & Availability of DDTA143EUA-7

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X